Part Number Hot Search : 
1N3341B 20D182K D9528 2SC4672 F2010 GPA802DT 2N6080 RMCS9018
Product Description
Full Text Search
 

To Download 0511120930 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0511120930 Active
2.50mm (.098") Pitch Wire-to-Wire Plug Housing, With Optional Panel Mount, Panel Mount, 9 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-51111-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Product Name Crimp Housings 51112 N/A
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 9 Natural 94V-0 Male No Polyester 1 Bag Yes 0.098 In 2.50 mm No -40C to +105C
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51111-001 SD-51112-005
Search Parts in this Series 51112Series Mates With 51111 , 51111wr Use With 50398
This document was generated on 03/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0511120930

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X